PART |
Description |
Maker |
SF10A01 SF10A02 SF10A04 SF10A03 SF10A05 SF10A06 |
Glass Passivated Super Fast Recovery Rectifie
|
YENYO TECHNOLOGY Co., Ltd
|
GB840 |
SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 8A RECTIFIE
|
GTM CORPORATION
|
SPK1245-C-S-A01 |
SCHOTTKY BARRIER SOLAR RECTIFIE VOLTAGE 45 Volts CURRENT 12 Amperes
|
Rectron Semiconductor
|
APT30D20SG APT30D20B APT30D20B_05 APT30D20BG APT30 |
30 A, 200 V, SILICON, RECTIFIER DIODE, TO-247 Fast Recovery Epitaxial Diode; Package: D3 [S]; IO (A): 30; VR (V): 200; trr (nsec): 21; VF (V): 1.1; Qrr (nC): 150; 30 A, 200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Advanced Power Technolo... Microsemi, Corp. ADPOW[Advanced Power Technology]
|
SFS2326 SFS2328 SFS2329 |
1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-5
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
SM30CXC614 SM30CXC624 SM14CXC170 SM02CXC190 SM02CX |
1160 A, 3000 V, SILICON, RECTIFIER DIODE 1106 A, 3000 V, SILICON, RECTIFIER DIODE 440 A, 1400 V, SILICON, RECTIFIER DIODE 760 A, 200 V, SILICON, RECTIFIER DIODE 440 A, 200 V, SILICON, RECTIFIER DIODE 940 A, 2000 V, SILICON, RECTIFIER DIODE 1610 A, 2600 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
MUR2020RG |
ULTRAFAST RECTIFIER 20 AMPERES, 200 VOLTS 20 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC
|
ON Semiconductor
|
CS220-8N CS220-8B CS220-8D CS220-8M CENTRALSEMICON |
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 600 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 400 V, SCR, TO-220AB Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
GL1M GL1A GL1B GL1D GL1G GL1J GL1K |
Standard silicon rectifier diodes 1 A, 200 V, SILICON, SIGNAL DIODE, DO-213AA
|
SEMIKRON[Semikron International]
|
STTH2002CFP STTH2002CG-TR |
10 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB 15 A, 200 V, SILICON, RECTIFIER DIODE
|
STMICROELECTRONICS
|
CMZ5944B CMZ5948B CMZ5921B CMZ5925B CMZ5926B CMZ59 |
SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 5% TOLERANCE SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS ± 5% TOLERANCE surface mount silicon Zener diodes 24 V, 0.9 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Central Semiconductor Corp
|
SZ5A6 SZ5A3 SZ5A6.2 SZ5A2.4 SZ5A5.6 SZ5A7.5 SZ5A5. |
500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 110 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 100 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
|